Part Number Hot Search : 
2SK2936 RF151 EL5160IS 2SB1386 CA2830C P2301 UN9117 8805GEDS
Product Description
Full Text Search
 

To Download MM3006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small Signal Transistors TO-39 Case (Continued)
TYPE NO. DESCRIPTION VCBO (V) VCEO (V) *VCER MIN BSY52 BSY53 BSY54 BSY55 BSY56 BSY88 BUY47 BUY48 BUY49S BUY68 MJ 420 MJ 420S MJ 421 MJ 421S MM 420 MM 421 MM3000 MM3001 MM3002 MM3003 MM3005 MM3006 MM3007 MM3008 MM3009 MM4000 MM4001 MM4002 MM4003 MM5415 MM5416 SE7001 SE7002 SE7056 40327 40347 40348 40406 40408 40412 NPN AMPL/SWITCH NPN AMPL/SWITCH NPN AMPL/SWITCH NPN AMPL/SWITCH NPN AMPL/SWITCH NPN AMPL/SWITCH NPN HIGH CURRENT NPN HIGH CURRENT NPN HIGH VOLTAGE NPN HIGH CURRENT NPN HIGH VOLTAGE NPN HIGH VOLTAGE NPN HIGH VOLTAGE NPN HIGH VOLTAGE NPN HIGH VOLTAGE NPN HIGH VOLTAGE NPN HIGH VOLTAGE NPN HIGH VOLTAGE NPN HIGH VOLTAGE NPN HIGH VOLTAGE NPN AMPL/SWITCH NPN AMPL/SWITCH NPN AMPL/SWITCH NPN HIGH VOLTAGE NPN HIGH VOLTAGE PNP HIGH VOLTAGE PNP HIGH VOLTAGE PNP HIGH VOLTAGE PNP HIGH VOLTAGE PNP HIGH VOLTAGE PNP HIGH VOLTAGE NPN HIGHVOLTAGE NPN HIGH VOLTAGE NPN HIGH VOLTAGE NPN HIGH VOLTAGE NPN AMPL/SWITCH NPN AMPL/SWITCH PNP AMPL/SWITCH NPN AMPL/SWITCH NPN HIGH VOLTAGE 60 75 75 120 120 100 150 200 250 100 275 275 350 350 275 350 100 150 200 250 80 100 120 120 180 100 150 200 250 200 350 150 120 300 300 60 90 50 50 250 MIN 25 30 30 80 80 60 120 170 200 60 250 250 325 325 250 325 100 150 200 250 60 80 100 120 180 100 150 200 250 200 300 150 120 300 300* 40 65 50 90 250* MIN 5.0 7.0 7.0 7.0 7.0 7.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 4.0 4.0 4.0 4.0 4.0 7.0 5.0 5.0 7.0 5.0 7.0 7.0 4.0 4.0 4.0 VEBO (V) ICBO @ (A) *ICEO **ICES ***ICEV ****ICER 0.10 0.01 0.01 0.01 0.01 0.01 10 10 0.10 1.00 100 100 100 100 100 100 1.00 1.00 5.00 5.00 100 100 100 0.10 0.10 1.00 1.00 5.00 5.00 50 50 0.10 0.10 0.10 0.10 1.00**** 1.00**** --2.00*** 30 60 60 90 90 75 80 100 200 60 275 275 350 350 275 350 50 75 100 100 60 80 100 120 180 50 75 150 150 175 280 75 75 200 150 30 60 --150 VCB (V) hFE @ IC @ VCE VCE (SAT ) @ IC fT (mA) (V) (V) (mA) (MHz) *TYP Cob (pF) *TYP ton (ns) *TYP toff (ns) *TYP NF (dB) *TYP
MIN 100 40 100 40 100 100 15 15 40 40 25 25 25 25 25 25 20 20 20 20 50 50 50 30 30 20 20 20 20 30 30 30 30 40 40 20 30 30 40 40
MAX 300 120 300 120 300 300 ---250 250 250 250 250 250 250 ----250 250 250 ------150 120 --100 250 80 100 200 200 -150 150 150 150 150 150 5,000 5,000 500 1,000 30 30 30 30 30 30 10 10 10 10 150 200 250 1.0 1.0 10 10 10 10 50 50 30 30 30 20 450 300 0.1 10 30 10 10 10 10 10 10 5.0 5.0 5.0 1.0 20 20 20 20 20 20 10 10 10 10 1.0 1.0 1.0 10 10 10 10 10 10 10 10 10 10 10 10 4.0 4.0 10 4.0 20
MAX 0.80 0.60 0.60 0.60 0.60 0.60 1.00 1.00 0.20 1.00 5.00 5.00 5.00 5.00 5.00 5.00 ----0.35 0.35 0.35 --0.60 0.60 5.00 5.00 2.50 2.50 2.00 0.90 1.00 -1.00 0.75 -1.40 0.50 150 150 150 150 150 150 5,000 5,000 500 5,000 30 30 30 30 30 30 ----150 150 150 --10 10 10 10 50 50 50 50 20 -450 300 -150 10
MIN 130* 100* 145* 100* 145* -90* 90* 50 50 15 150 15 15 15 15 150 150 150 150 50 50 50 50 50 ----15 15 40 40 40 ---100* 100* 10
MAX 10 10 10 10 10 -80 80 30 80 12 12 12 12 12 12 7.0 7.0 15 15 15 15 15 3.0 3.0 6.0 10 20 20 25 25 9.0 3.5 3.0 -----10
MAX ------1,000 1,000 300 350 -------------------------------
MAX ------2,000 2,000 1,000 750 -------------------------------
MAX -----------------------------------------
67
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of MM3006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X